PART |
Description |
Maker |
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
AMS1503 AMS1503CM AMS1503CM-15 AMS1503CM-25 AMS150 |
3A LOW DROPOUT VOLTAGE REGULATORS 3A低压降稳压器 3A LOW DROPOUT VOLTAGE REGULATORS A低压降稳压器 LPB RND MNT BLK SLGP SLDR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
LND-7900 |
NEGATIVE VOLTAGE LOW DROPOUT REGULATORS Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|
NCP693DMN12TCG NCP693DMN25TCG NCP693DMN33TCG |
1A CMOS Low-Dropout Voltage Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.38 V DROPOUT, PDSO6 1A CMOS Low-Dropout Voltage Regulator
|
ON Semiconductor
|
SPX2954N-L-3.3 SPX2954N-L-3.3/TR SPX2954N-L-5.0 SP |
5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSFM3 250mA Low Dropout Voltage Regulator, 0.5% 250mA Low Dropout Voltage Regulator, 1.0%
|
Sipex Corporation
|